PART |
Description |
Maker |
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
SG117A SG117 SG217 SG217A SG317 SG317A JAN117K JAN |
Positive Adjustable Linear Voltage Regulators ADJUSTABLE POSITIVE REGULATOR, MBCY3 From old datasheet system 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR GT 6C 6#16 PIN RECP BOX ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
SG237AK SG237AR SG237AT SG237K SG237R SG237T SG137 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY2 1.5 AMP NEGATIVE ADJUSTABLE REGULATOR Negative Adjustable Linear Voltage Regulators; Package: TO-99; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY3 Negative Adjustable Linear Voltage Regulators; Package: LCC; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, CQCC20
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi Corporation Microsemi, Corp.
|
OM1322STM OM1322N2M OM1322NKM OM1322NMM OM1322NTM |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403 1.5放大器的负电压调节器调节批准降序703403
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers TE Connectivity, Ltd.
|
RC1117DX RC1117X33 |
1A Adjustable/Fixed Low Dropout Linear Regulator VOLT REGULATOR|ADJUSTABLE| 1.25 TO 6.3V|BIPOLAR|SIP|3PIN|PLASTIC
|
Fairchild Semiconductor
|
MAX5087BATN |
45V, 400mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay FIXED/ADJUSTABLE POSITIVE REGULATOR, QCC56
|
Maxim Integrated Products, Inc.
|
TC1187VCT TC1070 TC1070VCT TC1071 TC1071VCT TC1187 |
The TC1070, TC1071, and TC1187 are adjustable LDOs designed to supersede a variety of older (bipolar) voltage regulators. Total supply current is typically 50A at full load, 20 to 60 times lower than in bipolar regulators! The devicesR 50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown (TC1071) Adjustable CMOS LDOs with Shutdown
|
MICROCHIP[Microchip Technology]
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SVR1038P |
10 Amps ADJUSTABLE LINEAR VOLTAGE REGULATOR 1.2 V-32 V ADJUSTABLE POSITIVE REGULATOR, CSFM3
|
Solid State Devices, Inc.
|
LT1033 LT1033C LT1033CK LT1033M LT1033MK |
Dual J-K Positive-Edge-Triggered Flip-Flops With Clear and Preset 16-SO 0 to 70 3A. Negative Adjustable Regulator 3A, Negative Adjustable Regulator From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|